Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TDS310 Fiches technique(PDF) 167 Page - List of Unclassifed Manufacturers

No de pièce TDS310
Description  Two Channel Oscilloscopes
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC2 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC2 - List of Unclassifed Manufacturers

TDS310 Fiches technique(HTML) 167 Page - List of Unclassifed Manufacturers

Back Button TDS310 Datasheet HTML 163Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 164Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 165Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 166Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 167Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 168Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 169Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 170Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 171Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 167 / 242 page
background image
Removal and Replacement
TDS 310, TDS 320 & TDS 350 Instruction Manual
89
Table83:Tools Required for Module Removal (Cont.)
Item
No.
Description
Name
5
Nut driver, 5/16 inch
Used for removing earth ground
cables.
6
Angletip tweezers
Used for knoband shaft removal.
7
SlipJaw Pliers
Used for removing the front feet from
the cabinet.
8
Wooden Spudger
Used for front EMI gasket removal.
9
Front Cover
This optional accessory protects the
front of the oscilloscope when posi
tioned face down in the removal pro
cedures.
10
Gloves, lint free, cloth
Used for removing the menu elasto
mer and menu button flex circuit.
WARNING
To avoid injury or death, unplug the line cord from the line voltage
power source before continuing.
1. Have handy a flat bladed screwdriver (Item 4).
2. Set the oscilloscope so its bottom is down on the work surface and its
rear is facing you.
Line Fuse and Line
Cord



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More