Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TDS310 Fiches technique(PDF) 152 Page - List of Unclassifed Manufacturers

No de pièce TDS310
Description  Two Channel Oscilloscopes
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC2 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC2 - List of Unclassifed Manufacturers

TDS310 Fiches technique(HTML) 152 Page - List of Unclassifed Manufacturers

Back Button TDS310 Datasheet HTML 148Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 149Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 150Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 151Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 152Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 153Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 154Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 155Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 156Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 152 / 242 page
background image
Adjustment
Adjustment Procedures
72
The oscilloscope has four onboard calibration routines. You can access these
routines through the system calibration menu. Use the following procedure.
NOTE
Except for early TDS 320 oscilloscopes, the Voltage, Timing, and
External Trigger calibration routines are disabled at the factory. To
enable the calibration menus, see Enabling Calibration Menus, on
page 829.
1. Press UTILITY.
2. Press the leftmost main menu button until the popup menu shows the
Cal selection. This calls up the system calibration menu, shown in Figure
71.
Figure 71:The SystemCalibration Menu
3. Remove all input signals from the front panel BNC connectors.
4. Press the main menu button Voltage. Read the onscreen text before
continuing.
5. Press the side menu button OK Calibrate Voltage Ref. Connect a DC
calibration generator (Item 4) to the CH 1 input through a 50 W coaxial
cable (Item 3) and follow the instructions on the screen.
6. Press UTILITY.
The System
Calibration Menu



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More