Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TDS310 Fiches technique(PDF) 129 Page - List of Unclassifed Manufacturers

No de pièce TDS310
Description  Two Channel Oscilloscopes
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC2 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC2 - List of Unclassifed Manufacturers

TDS310 Fiches technique(HTML) 129 Page - List of Unclassifed Manufacturers

Back Button TDS310 Datasheet HTML 125Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 126Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 127Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 128Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 129Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 130Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 131Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 132Page - List of Unclassifed Manufacturers TDS310 Datasheet HTML 133Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 129 / 242 page
background image
TDS 310, TDS 320 & TDS 350 Instruction Manual
61
Performance Verification
These procedures verify the TDS 310, TDS 320, and TDS 350 two channel
oscilloscopes. Depending on what you want to accomplish, you may only
need to perform a few of these procedures.
H To rapidly confirm that this oscilloscope functions, just do the procedures
under Self Tests, which begin on page 65.
Advantages: These procedures are quick to do, require no external
equipment or signal sources, and perform extensive functional and
accuracy testing to provide high confidence that the oscilloscope per
forms properly. You can use them as a quick check before making a
series of important measurements.
H To further check functionality, do the procedures under Functional Tests
that begin on page 67.
Advantages: These procedures require minimal additional time to per
form, require no additional equipment other than a standardaccessory
probe, and more completely test the internal hardware of this oscillo
scope. You can use them to quickly determine if the oscilloscope is
suitable for putting into service, suchas when it is first received.
H If you need a more extensive confirmation of performance, do the Perfor
mance Tests, beginning on page 611, after doing the Functional and Self
Tests just referenced.
Advantages: These procedures add direct checking of warranted specifi
cations. They require more time and suitable test equipment. (See Equip
ment Required on page 63.)
Throughout these procedures the following conventions apply:
H Eachtest procedure uses the following general format:
Title of Test
Equipment Required
Time Required
Prerequisites
Procedure
H Refer to Figure 61: Main menu" refers to the menu that labels the seven
menu buttons under the display. Side menu" refers to the menu that
labels the five buttons to the right of the display. Popup menu" refers to
a menu that pops up when a main menu button is pressed.
Conventions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More