Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MPL460AT-I/4LB Fiches technique(PDF) 17 Page - Microchip Technology

No de pièce MPL460AT-I/4LB
Description  programmable modem designed for narrow-band Power Line Communication (PLC)
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MPL460AT-I/4LB Fiches technique(HTML) 17 Page - Microchip Technology

Back Button MPL460AT-I/4LB Datasheet HTML 13Page - Microchip Technology MPL460AT-I/4LB Datasheet HTML 14Page - Microchip Technology MPL460AT-I/4LB Datasheet HTML 15Page - Microchip Technology MPL460AT-I/4LB Datasheet HTML 16Page - Microchip Technology MPL460AT-I/4LB Datasheet HTML 17Page - Microchip Technology MPL460AT-I/4LB Datasheet HTML 18Page - Microchip Technology MPL460AT-I/4LB Datasheet HTML 19Page - Microchip Technology MPL460AT-I/4LB Datasheet HTML 20Page - Microchip Technology MPL460AT-I/4LB Datasheet HTML 21Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 48 page
background image
PL460
Input/Output Lines
 Data Sheet
© 2020-2023 Microchip Technology Inc. and its subsidiaries
DS60001666D - 17
6.5.
Transmission Enabled (TXEN) Pin
The TXEN pin is unidirectional. It is managed by the external host controller and has to be driven
high to enable the PLC transmission. If the transmissions are disabled, ongoing/programmed
transmission (if any) will be aborted and subsequent requests will be denied.
6.6.
Zero-Cross Detection (VZC) Pin
The VZC pin is unidirectional. The input signal must be a digital pulse train directly related to
the mains voltage. For more information about how the PL460 detects the zero-cross, refer to
Zero-Crossing Detection.
Additionally, the VZC pin is used during fuse programming to enter in the programming mode. For
more information about fuse programming, refer to Fuse Programming.
6.7.
Thermal Monitor Pins (THEN, NTHW0, THW1, G1)
An on-die temperature monitor with two warning thresholds and hysteresis is included in the PL460
to improve product reliability by avoiding high power dissipation situations. This risky condition
might occur during PLC transmission in case of very low impedance load and high-level output
signal conditions.
The input pin THEN is used to enable the thermal monitor functionality. Connecting it directly to the
ENABLE pin is recommended to control both of them at the same time.
The open-drain outputs, NTHW0 and THW1, are used to notify high temperature conditions as it is
indicated in Table 6-1:
Table 6-1. Thermal Warning Temperature Threshold and Output Status
Output
Thermal Threshold (℃)
Output Status
Rise
Fall
Tdie≥ Tth
Tdie< Tth
NTHW0
110
100
Low
HiZ
THW1
120
110
HiZ
Low
The first output, NTHW0, can be connected to the host controller to manage the temperature
warning, but the second output, THW1, must be connected directly to the PL460 in order to manage
the temperature warning itself. The pin G1 is configured in the PLC-protocol firmware to be used as
an input interrupt for the thermal warning THW1, therefore it is recommended to connect the THW1
and G1 pins directly.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com