Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MPL460AT-I/4LB Fiches technique(PDF) 31 Page - Microchip Technology

No de pièce MPL460AT-I/4LB
Description  programmable modem designed for narrow-band Power Line Communication (PLC)
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MPL460AT-I/4LB Fiches technique(HTML) 31 Page - Microchip Technology

Back Button MPL460AT-I/4LB Datasheet HTML 27Page - Microchip Technology MPL460AT-I/4LB Datasheet HTML 28Page - Microchip Technology MPL460AT-I/4LB Datasheet HTML 29Page - Microchip Technology MPL460AT-I/4LB Datasheet HTML 30Page - Microchip Technology MPL460AT-I/4LB Datasheet HTML 31Page - Microchip Technology MPL460AT-I/4LB Datasheet HTML 32Page - Microchip Technology MPL460AT-I/4LB Datasheet HTML 33Page - Microchip Technology MPL460AT-I/4LB Datasheet HTML 34Page - Microchip Technology MPL460AT-I/4LB Datasheet HTML 35Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 48 page
background image
PL460
Reception Path
 Data Sheet
© 2020-2023 Microchip Technology Inc. and its subsidiaries
DS60001666D - 31
10.
Reception Path
The PL460 modem has a single-ended reception stage as it is shown in the figure below. It supports
a maximum input of 24Vpp without saturation. The signal is adapted to the requirements of the Rx
path by means of an Automatic Gain Control (AGC) and a Programmable Gain Amplifier (PGA) as
it is described in PLC Signal Adaptation. Additionally, the reception stage is also capable to detect
zero-crosses (in case of being connected to an AC line) if an adapted signal is provided, as it is
explained in Zero-Crossing Detection.
Figure 10-1. PL460 Reception Path Block Diagram
10.1. Functional Description
10.1.1. PLC Signal Adaptation
The reception path implements several stages to adapt the received signal to avoid saturation of the
Analog-to-Digital Converter (ADC) and maximize the dynamic range. The AGC stage uses an external
resistor to attenuate the input signal if needed. The PL460 provides a control signal to configure the
resistor dynamically in function of the level of signal measured.
The PL460 also implements a PGA that adds five levels of gain to adjust the input signal to the ADC.
Finally, the DC blocker module is capable to detect and subtract any DC offset to prevent it from
affecting the signal processing of the obtained samples.
10.1.2. Zero-Crossing Detection
The PL460 implements a zero-crossing detection stage. An external circuit is required to adapt the
AC signal to VZC input requirements of the PL460. Once adapted, the zero-crossing detection stage
measures rising and falling edges by hardware and then a PLL software algorithm is applied. The
center of the low-level pulse input must be aligned with the peak of the mains wave, although some
adjustment can be made on the application to correct the delay between pulse and wave as shown
in the figure below.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com