Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MPL460AT-I/4LB Fiches technique(PDF) 34 Page - Microchip Technology

No de pièce MPL460AT-I/4LB
Description  programmable modem designed for narrow-band Power Line Communication (PLC)
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MPL460AT-I/4LB Fiches technique(HTML) 34 Page - Microchip Technology

Back Button MPL460AT-I/4LB Datasheet HTML 30Page - Microchip Technology MPL460AT-I/4LB Datasheet HTML 31Page - Microchip Technology MPL460AT-I/4LB Datasheet HTML 32Page - Microchip Technology MPL460AT-I/4LB Datasheet HTML 33Page - Microchip Technology MPL460AT-I/4LB Datasheet HTML 34Page - Microchip Technology MPL460AT-I/4LB Datasheet HTML 35Page - Microchip Technology MPL460AT-I/4LB Datasheet HTML 36Page - Microchip Technology MPL460AT-I/4LB Datasheet HTML 37Page - Microchip Technology MPL460AT-I/4LB Datasheet HTML 38Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 48 page
background image
PL460
Electrical Characteristics
 Data Sheet
© 2020-2023 Microchip Technology Inc. and its subsidiaries
DS60001666D - 34
11.2. Recommended Operating Conditions
Table 11-2. Recommended Operating Conditions
Parameter
Symbol
Rating
Unit
Min.
Typ.
Max.
Supply Voltage
VDDIO
3.00
3.30
3.60
V
VDDIN_AN
3.00
3.30
3.60
VDDIN
3.00
3.30
3.60
VDDPLL
1.15
1.25
1.32
VDDAMP
3.00
3.30
3.60
PVDDAMP
8.00
12.00(1)
16.00
Voltage of Analog Switch Outputs
VASO
-15
—
15
V
Junction Temperature
TJ
-40
25
125
ºC
Ambient Temperature
TA
-40
—
85
Notes: 
1. The PLC-protocol firmware provided by Microchip are configured by default for PVDDAMP = 12V.
Table 11-3. Thermal Resistance Data
Package
Symbol
Parameter
Condition
Typ.
Unit
TFBGA81
θJA
Junction-to-Ambient Thermal Resistance
Still Air
38.75
ºC/W
θJC
Junction-to-Case Thermal Resistance
—
12.9
θJA is calculated based on a standard JEDEC JESD51-5 defined environment (1.6 mm thickness PCB,
4 copper layers, 76.2 mm x 114.3 mm board) and is not a reliable indicator of a device’s thermal
performance in a non-JEDEC environment. It is recommended that the customer always perform
their own calculations or simulations to ensure that their system’s thermal performance is sufficient.
11.3. Electrical Pinout
Table 11-4. TFBGA81 Electrical Pinout
Pin No.
Pin Name
I/O
I(mA)
Res.
HY
Pin No.
Pin Name
I/O
I(mA)
Res.
HY
A1
GND
P
—
—
—
E6
NC
—
—
—
—
A2
TXRX1
I/O
±2/4
PU/PD/-
Y/-
E7
NC
—
—
—
—
A3
EMIT3
OT
±60(1)
—
—
E8
ASI1
I/O
±2/4
PU/PD/-
Y/-
A4
EMIT2
OT
±60(1)
—
—
E9
ASI0
I/O
±2/4
PU/PD/-
Y/-
A5
VREGP (6)
—
—
—
—
F1
VDDIN_AN
P
—
—
—
A6
PVDDAMP
P
—
—
—
F2
VREFP (6)
—
—
—
—
A7
OUT
O
±1500 (2)
—
—
F3
AGND
P
—
—
—
A8
ASO1
O
1200 (3)
—
—
F4
GND
P
—
—
—
A9
PGND
P
—
—
—
F5
VDDIO
P
—
—
—
B1
AGC
OT
±20 (4)
PU/-
—
F6
VDDIO
P
—
—
—
B2
GND
P
—
—
—
F7
THW1
I/O
±2/4
PU/PD/-
Y/-
B3
EMIT3
OT
±60(1)
—
—
F8
NTHW0
I/O
±2/4
PU/PD/-
Y/-
B4
EMIT2
OT
±60(1)
—
—
F9
MISO
I/O
±2/4
PU/PD/-
Y/-
B5
VREGN (6)
—
—
—
—
G1
VREFC (6)
—
—
—
—
B6
PVDDAMP
P
—
—
—
G2
VREFN (6)
—
—
—
—
B7
OUT
O
±1500 (2)
—
—
G3
NRST
I
—
—
Y
B8
ASO1
O
1200 (3)
—
—
G4
VDDIO
—
—
—
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com