Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MPL460AT-I/4LB Fiches technique(PDF) 28 Page - Microchip Technology

No de pièce MPL460AT-I/4LB
Description  programmable modem designed for narrow-band Power Line Communication (PLC)
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MPL460AT-I/4LB Fiches technique(HTML) 28 Page - Microchip Technology

Back Button MPL460AT-I/4LB Datasheet HTML 24Page - Microchip Technology MPL460AT-I/4LB Datasheet HTML 25Page - Microchip Technology MPL460AT-I/4LB Datasheet HTML 26Page - Microchip Technology MPL460AT-I/4LB Datasheet HTML 27Page - Microchip Technology MPL460AT-I/4LB Datasheet HTML 28Page - Microchip Technology MPL460AT-I/4LB Datasheet HTML 29Page - Microchip Technology MPL460AT-I/4LB Datasheet HTML 30Page - Microchip Technology MPL460AT-I/4LB Datasheet HTML 31Page - Microchip Technology MPL460AT-I/4LB Datasheet HTML 32Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 48 page
background image
PL460
Serial Peripheral Interface (SPI)
 Data Sheet
© 2020-2023 Microchip Technology Inc. and its subsidiaries
DS60001666D - 28
If no character is ready to be transmitted, that is, no character has been written since the last load to
the internal Shift register, the last character is retransmitted.
8.4.3.
SPI Typical Frequencies
Table 8-3. Typical Operating Frequency
Application Case
Typical Frequency
CENELEC A/CENELEC B
8 MHz
FCC (transmission band above 150 kHz)
12 MHz
Bootloader
12 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com