Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MPL460AT-I/4LB Fiches technique(PDF) 36 Page - Microchip Technology

No de pièce MPL460AT-I/4LB
Description  programmable modem designed for narrow-band Power Line Communication (PLC)
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MPL460AT-I/4LB Fiches technique(HTML) 36 Page - Microchip Technology

Back Button MPL460AT-I/4LB Datasheet HTML 32Page - Microchip Technology MPL460AT-I/4LB Datasheet HTML 33Page - Microchip Technology MPL460AT-I/4LB Datasheet HTML 34Page - Microchip Technology MPL460AT-I/4LB Datasheet HTML 35Page - Microchip Technology MPL460AT-I/4LB Datasheet HTML 36Page - Microchip Technology MPL460AT-I/4LB Datasheet HTML 37Page - Microchip Technology MPL460AT-I/4LB Datasheet HTML 38Page - Microchip Technology MPL460AT-I/4LB Datasheet HTML 39Page - Microchip Technology MPL460AT-I/4LB Datasheet HTML 40Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 48 page
background image
PL460
Electrical Characteristics
 Data Sheet
© 2020-2023 Microchip Technology Inc. and its subsidiaries
DS60001666D - 36
11.4. DC Characteristics
Table 11-5. PL460 DC Characteristics
Parameter
Condition
Symbol
Rating
Unit
Min.
Typ.
Max.
Supply voltage
VDDIO
3.00
3.30
3.60
V
H-level input voltage (3.3V CMOS)
VIH
2.0
—
VDDIO +0.3
L-level input voltage (3.3V CMOS)
VIL
-0.3
—
0.8
H-level output voltage
3.3V I/O IOH = -100 µA
VOH
VDDIO -0.2
—
VDDIO
L-level output voltage
3.3V I/O IOL = 100 µA
VOL
0
—
0.2
Internal pull-up resistor(1)
3.3V I/O
Rpu
70
100
140
kΩ
Internal pull-down resistor(1)
3.3V I/O
Rpd
70
100
140
Note: 
1. Only applicable to pins with internal pulling.
11.5. Power Consumption
The table below provides power consumption of the system (digital and analog) when it is used with
typical AMR protocols. However, it is important to remember that different protocols, or even the
same protocols used with different clock schemes or with different software implementations, can
lead to other consumption figures.
Table 11-6. Full System Power Consumption
Frequency Band
Application Case
Rating
Unit
3V3
12V
Typ.(1)
Typ.(1)
CENELEC-A
CENELEC-B
Reception waiting for preamble detection
34
0.6
mA
Reception processing incoming frames
45
0.6
Transmission with internal driver
46
104
FCC
Reception waiting for preamble detection
65
0.6
Reception processing incoming frames
87
0.6
Transmission with internal driver
91
166
Notes: 
1. TAMB = 25ºC, VDDIO = 3.3V, VDDIN = 3.3V, and VDDIN_AN = 3.3V, G3-PLC.
The table below provides power consumption of the analog IPs in the system. Analog parts are the
PLL used for internal clock generation (supplied from the VDDPLL pin) and the conversion module
composed of the Programmable Gain Amplifier (PGA) and the Analog-to-Digital Converter (ADC),
both supplied from the VDDIN_AN pins.
Take maximum consumption cases into account for supply filter calculation. The supply voltage
drop after the filters must be small enough to ensure the correct operation of the analog IPs. The
voltage applied to VDDPLL and VDDIN_AN must always be greater than Vtypical-10%, VDDPLL >
1.08V, and VDDIN_AN > 3.0V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com