Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MPL460AT-I/4LB Fiches technique(PDF) 20 Page - Microchip Technology

No de pièce MPL460AT-I/4LB
Description  programmable modem designed for narrow-band Power Line Communication (PLC)
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MPL460AT-I/4LB Fiches technique(HTML) 20 Page - Microchip Technology

Back Button MPL460AT-I/4LB Datasheet HTML 16Page - Microchip Technology MPL460AT-I/4LB Datasheet HTML 17Page - Microchip Technology MPL460AT-I/4LB Datasheet HTML 18Page - Microchip Technology MPL460AT-I/4LB Datasheet HTML 19Page - Microchip Technology MPL460AT-I/4LB Datasheet HTML 20Page - Microchip Technology MPL460AT-I/4LB Datasheet HTML 21Page - Microchip Technology MPL460AT-I/4LB Datasheet HTML 22Page - Microchip Technology MPL460AT-I/4LB Datasheet HTML 23Page - Microchip Technology MPL460AT-I/4LB Datasheet HTML 24Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 48 page
background image
PL460
Bootloader
 Data Sheet
© 2020-2023 Microchip Technology Inc. and its subsidiaries
DS60001666D - 20
Functional Description (continued)
Command Description
addr(31:0)
data(n*32-1:0)
0xA66A Control of MISO signal transferred to M7-SPI and Bootloader clock
disabled
0x00000000
0x00000000
0xDE05 Unblock bootloader
0x00000000
0xDDDDDDDD (Note 2)
Notes: 
1. ‘AA’ is an address byte.
2. ‘DD’ is a data byte.
3. Command contains as many bytes as needed to send.
4. Command contains as many ‘00’s as bytes wanted to be read.
The figure below shows the structure of the registers and data transfers for fuses and their control
logic.
7.4.1.
Unlock, Load Program and Start Loaded Program
After Reset, the bootloader is locked and the host must send the following two frames as a
password to unlock the bootloader.
Order
Address
Command
Data
1
0x00000000
0xDE05
0x5345ACBA
2
0x00000000
0xDE05
0xACBA5345
At this point, the host sends commands to the bootloader and it can start loading the program to
the PL460. The program must be loaded starting with address 0x00000000.
After loading the program, it must be started. Starting the loaded program requires clearing the
CPUWAIT bit of the MSSC Miscellaneous register (address 0x400E1800) and transferring control of
the MISO signal to the M7-SPI peripheral.
Order
Address
Command
Data
1
0x400E1800
0x0000
0x00000000
2
0x00000000
0xA66A
0x00000000
If this action is not done, the MISO signal will remain controlled by the bootloader.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com