Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

L9305 Fiches technique(PDF) 104 Page - STMicroelectronics

No de pièce L9305
Description  Automotive 4-channel valve driver
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9305 Fiches technique(HTML) 104 Page - STMicroelectronics

Back Button L9305 Datasheet HTML 99Page - STMicroelectronics L9305 Datasheet HTML 100Page - STMicroelectronics L9305 Datasheet HTML 101Page - STMicroelectronics L9305 Datasheet HTML 102Page - STMicroelectronics L9305 Datasheet HTML 103Page - STMicroelectronics L9305 Datasheet HTML 104Page - STMicroelectronics L9305 Datasheet HTML 105Page - STMicroelectronics L9305 Datasheet HTML 106Page - STMicroelectronics L9305 Datasheet HTML 107Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 104 / 107 page
background image
INTGLIM ..................................................................... 83
AVGCUR ..................................................................... 83
PWMSENSE .................................................................. 84
DRVFLTMASK1 ................................................................ 85
DRVFLTMASK2 ................................................................ 87
BSHLDELTACURR ............................................................. 88
MEASHLDELTACURR ........................................................... 89
TEMPMON ................................................................... 90
INTOUT ...................................................................... 91
10
Package information..............................................................92
10.1
TQFP48 (7x7x1 mm exp. pad down 5.0x5.0) package information .................... 92
10.2
TQFP48 (7x7x1.0 exposed pad down) footprint .................................... 95
10.3
TQFP48 marking information.................................................... 96
10.4
PowerSSO-36 (7.2x4.75 mm option C exposed pad down) package information ........ 97
10.5
PowerSSO-36 marking information............................................... 99
Revision history ..................................................................... 100
L9305
Contents
DS12774 - Rev 10
page 104/107



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More