| Moteur de recherche de fiches techniques de composants électroniques |
|
L9305 Fiches technique(PDF) 68 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L9305 Fiches technique(HTML) 68 Page - STMicroelectronics |
|
68 / 107 page ![]() 0: Mask Disabled 1: Mask Enabled [7] SPI Timeout Latch: 0: Mask Disabled 1: Mask Enabled [6] SPI Timeout: 0: Mask Disabled 1: Mask Enabled [5] Unused [4] VDD Under Voltage: 0: Mask Disabled 1: Mask Enabled [3] CP Under Voltage: 0: Mask Disabled 1: Mask Enabled [2] Configuration Register 0: Mask Disabled 1: Mask Enabled [1] VBATP Over Voltage: 0: Mask Disabled 1: Mask Enabled [0] Core Over Temperature: 0: Mask Disabled 1: Mask Enabled L9305 SPI DS12774 - Rev 10 page 68/107 |