Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

L9305 Fiches technique(PDF) 59 Page - STMicroelectronics

No de pièce L9305
Description  Automotive 4-channel valve driver
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9305 Fiches technique(HTML) 59 Page - STMicroelectronics

Back Button L9305 Datasheet HTML 55Page - STMicroelectronics L9305 Datasheet HTML 56Page - STMicroelectronics L9305 Datasheet HTML 57Page - STMicroelectronics L9305 Datasheet HTML 58Page - STMicroelectronics L9305 Datasheet HTML 59Page - STMicroelectronics L9305 Datasheet HTML 60Page - STMicroelectronics L9305 Datasheet HTML 61Page - STMicroelectronics L9305 Datasheet HTML 62Page - STMicroelectronics L9305 Datasheet HTML 63Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 107 page
background image
9.9
Fault and test page summary
Table 41. SPI fault and test page register address mapping
Idx [hex]
Register
0x00
Pin Status
0x01
On Demand Tests
0x03
Service Fault 1
0x04
Service Fault 2
0x05
Service Fault Mask 1
0x06
Service Fault Mask 2
0x1D
Communication Faults
L9305
SPI
DS12774 - Rev 10
page 59/107



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More