Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

L9305 Fiches technique(PDF) 78 Page - STMicroelectronics

No de pièce L9305
Description  Automotive 4-channel valve driver
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9305 Fiches technique(HTML) 78 Page - STMicroelectronics

Back Button L9305 Datasheet HTML 74Page - STMicroelectronics L9305 Datasheet HTML 75Page - STMicroelectronics L9305 Datasheet HTML 76Page - STMicroelectronics L9305 Datasheet HTML 77Page - STMicroelectronics L9305 Datasheet HTML 78Page - STMicroelectronics L9305 Datasheet HTML 79Page - STMicroelectronics L9305 Datasheet HTML 80Page - STMicroelectronics L9305 Datasheet HTML 81Page - STMicroelectronics L9305 Datasheet HTML 82Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 107 page
background image
CONFIGURATION2
Configuration 2
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
R
RW
RW
Address:
Channel_X_BaseAddress + 0x03
Type:
RW
Reset:
0x0000
Description:
Configuration Register for channel configuration self-tests. Before restarting any tests, wait for the register to return to
"0"
[15:2] Unused
[1] Solenoid Diag Self Test: Short, Open Load and PWM Check
0: Self Test Disabled
1: Self Test Enabled
[0] GND_SOL loss self test
0: Self TestDisabled
1: Self Test Enabled
L9305
SPI
DS12774 - Rev 10
page 78/107



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More