Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

L9305 Fiches technique(PDF) 79 Page - STMicroelectronics

No de pièce L9305
Description  Automotive 4-channel valve driver
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9305 Fiches technique(HTML) 79 Page - STMicroelectronics

Back Button L9305 Datasheet HTML 75Page - STMicroelectronics L9305 Datasheet HTML 76Page - STMicroelectronics L9305 Datasheet HTML 77Page - STMicroelectronics L9305 Datasheet HTML 78Page - STMicroelectronics L9305 Datasheet HTML 79Page - STMicroelectronics L9305 Datasheet HTML 80Page - STMicroelectronics L9305 Datasheet HTML 81Page - STMicroelectronics L9305 Datasheet HTML 82Page - STMicroelectronics L9305 Datasheet HTML 83Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 107 page
background image
DITHPGM1
Dither programming 1
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
RW
RW
RW
R
RW
Address:
Channel_X_BaseAddress + 0x04
Type:
RW
Reset:
0x0050
Description:
Dither Generator Configuration
[15] Dither Enable:
0: Disabled
1: Enabled
[14] DITHER_SYNC_EN:
0: Disabled
1: Enabled
[13] SYNC TYPE:
0: Dither Synchronization at each Dither Step
1: Dither Synchronization at each dither Period
[12:8] Unused
[7:0] Istep: Current step Value
L9305
SPI
DS12774 - Rev 10
page 79/107



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More