| Moteur de recherche de fiches techniques de composants électroniques |
|
L9305 Fiches technique(PDF) 57 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L9305 Fiches technique(HTML) 57 Page - STMicroelectronics |
|
57 / 107 page ![]() [5] FS1 Predriver Enable – FS_1_EN (only TQFP48) 0: Fail Safe Predriver Disabled 1: Fail Safe Predriver Enabled [4:3] FS1 Predriver Fault Threshold (only TQFP48) 00: 0.25V VDS Threshold 01: 0.5V VDS Threshold 10: 0.75V VDS Threshold 11: 1.0V VDS Threshold [2] FS/FS0 Predriver Enable – FS_EN/FS_0_EN 0: Fail Safe Predriver Disabled 1: Fail Safe Predriver Enabled [1:0] FS/FS0 Predriver Fault Threshold 00: 0.25V VDS Threshold 01: 0.5V VDS Threshold 10: 0.75V VDS Threshold 11: 1.0V VDS Threshold L9305 SPI DS12774 - Rev 10 page 57/107 |