Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

L9305 Fiches technique(PDF) 96 Page - STMicroelectronics

No de pièce L9305
Description  Automotive 4-channel valve driver
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9305 Fiches technique(HTML) 96 Page - STMicroelectronics

Back Button L9305 Datasheet HTML 92Page - STMicroelectronics L9305 Datasheet HTML 93Page - STMicroelectronics L9305 Datasheet HTML 94Page - STMicroelectronics L9305 Datasheet HTML 95Page - STMicroelectronics L9305 Datasheet HTML 96Page - STMicroelectronics L9305 Datasheet HTML 97Page - STMicroelectronics L9305 Datasheet HTML 98Page - STMicroelectronics L9305 Datasheet HTML 99Page - STMicroelectronics L9305 Datasheet HTML 100Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 107 page
background image
10.3
TQFP48 marking information
Figure 30. TQFP48 marking information
Pin1 Ref.
Marking area A
Marking area B
Last two digits
ES: Engineering sample
<blank>: Commercial sample
TQFP 48 TOP VIEW
(not in scale)
GADG0810181047PS_ES
Parts marked as ‘ES’ are not yet qualified and therefore not approved for use in production. ST is not responsible
for any consequences resulting from such use. In no event will ST be liable for the customer using any of these
engineering samples in production. ST’s Quality department must be contacted prior to any decision to use these
engineering samples to run a qualification activity.
L9305
Package information
DS12774 - Rev 10
page 96/107



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More