| Moteur de recherche de fiches techniques de composants électroniques |
|
VN750 Fiches technique(PDF) 43 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
VN750 Fiches technique(HTML) 43 Page - STMicroelectronics |
|
43 / 46 page ![]() VN750 Package and packing information Doc ID 6942 Rev. 4 43/46 4.9 PPAK packing information The devices can be packed in tube or tape and reel shipments (see the Table 1: Device summary ). Figure 49. PPAK suggested pad layout Figure 50. PPAK tube shipment (no suffix) 6.7 1.8 3 All dimensions are in mm. Base Q.ty 75 Bulk Q.ty 3000 Tube length (± 0.5) 532 A 6 B 21.3 C (± 0.1) 0.6 A C B Obsolete Product(s) - Obsolete Product(s) |