| Moteur de recherche de fiches techniques de composants électroniques |
|
VN750 Fiches technique(PDF) 41 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
VN750 Fiches technique(HTML) 41 Page - STMicroelectronics |
|
41 / 46 page ![]() VN750 Package and packing information Doc ID 6942 Rev. 4 41/46 4.7 PENTAWATT packing information The devices can be packed in tube or tape and reel shipments (see the Table 1: Device summary ). Figure 46. PENTAWATT tube shipment (no suffix) 4.8 P2PAK packing information The devices can be packed in tube or tape and reel shipments (see the Table 1: Device summary ). Figure 47. P2PAK tube shipment (no suffix) All dimensions are in mm. Base Q.ty 50 Bulk Q.ty 1000 Tube length (± 0.5) 532 A 18 B 33.1 C (± 0.1) 1 All dimensions are in mm. Base Q.ty 50 Bulk Q.ty 1000 Tube length (± 0.5) 532 A 18 B 33.1 C (± 0.1) 1 Obsolete Product(s) - Obsolete Product(s) |