Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

VN750 Fiches technique(PDF) 34 Page - STMicroelectronics

No de pièce VN750
Description  High-side driver
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VN750 Fiches technique(HTML) 34 Page - STMicroelectronics

Back Button VN750 Datasheet HTML 30Page - STMicroelectronics VN750 Datasheet HTML 31Page - STMicroelectronics VN750 Datasheet HTML 32Page - STMicroelectronics VN750 Datasheet HTML 33Page - STMicroelectronics VN750 Datasheet HTML 34Page - STMicroelectronics VN750 Datasheet HTML 35Page - STMicroelectronics VN750 Datasheet HTML 36Page - STMicroelectronics VN750 Datasheet HTML 37Page - STMicroelectronics VN750 Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 46 page
background image
Package and packing information
VN750
34/46
Doc ID 6942 Rev. 4
4.3
PENTAWATT mechanical data
Figure 41.
PENTAWATT package dimensions
Table 20.
PENTAWATT mechanical data
Dim.
mm
Min.
Typ.
Max.
A
4.8
C
1.37
D2.4
2.8
D1
1.2
1.35
E0.35
0.55
F
0.8
1.05
F1
1
1.4
G
3.2
3.4
3.6
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46