Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

VN750 Fiches technique(PDF) 39 Page - STMicroelectronics

No de pièce VN750
Description  High-side driver
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VN750 Fiches technique(HTML) 39 Page - STMicroelectronics

Back Button VN750 Datasheet HTML 35Page - STMicroelectronics VN750 Datasheet HTML 36Page - STMicroelectronics VN750 Datasheet HTML 37Page - STMicroelectronics VN750 Datasheet HTML 38Page - STMicroelectronics VN750 Datasheet HTML 39Page - STMicroelectronics VN750 Datasheet HTML 40Page - STMicroelectronics VN750 Datasheet HTML 41Page - STMicroelectronics VN750 Datasheet HTML 42Page - STMicroelectronics VN750 Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 46 page
background image
VN750
Package and packing information
Doc ID 6942 Rev. 4
39/46
Table 22.
PPAK mechanical data
Dim.
mm
Min.
Typ.
Max.
A2.20
2.40
A1
0.90
1.10
A2
0.03
0.23
B0.40
0.60
B2
5.20
5.40
C0.45
0.60
C2
0.48
0.60
D6.00
6.20
D1
5.1
E6.40
6.60
E1
4.7
e1.27
G4.90
5.25
G1
2.38
2.70
H9.35
10.10
L2
0.8
1.00
L4
0.60
1.00
L5
1
—
L6
2.80
R0.2
V2
0°
8°
Package weight
Gr. 0.3
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46