| Moteur de recherche de fiches techniques de composants électroniques |
|
VN750 Fiches technique(PDF) 32 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
VN750 Fiches technique(HTML) 32 Page - STMicroelectronics |
|
32 / 46 page ![]() Package and packing information VN750 32/46 Doc ID 6942 Rev. 4 4 Package and packing information 4.1 ECOPACK® packages In order to meet environmental requirements, ST offers these devices in different grades of ECOPACK® packages, depending on their level of environmental compliance. ECOPACK® specifications, grade definitions and product status are available at: www.st.com. ECOPACK® is an ST trademark. 4.2 SO-8 package information Figure 40. SO-8 package dimensions Obsolete Product(s) - Obsolete Product(s) |