Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

L9679P Fiches technique(PDF) 174 Page - STMicroelectronics

No de pièce L9679P
Description  Automotive advanced airbag for mid/high end applications and cut-off battery IC
PDF  279 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9679P Fiches technique(HTML) 174 Page - STMicroelectronics

Back Button L9679P Datasheet HTML 170Page - STMicroelectronics L9679P Datasheet HTML 171Page - STMicroelectronics L9679P Datasheet HTML 172Page - STMicroelectronics L9679P Datasheet HTML 173Page - STMicroelectronics L9679P Datasheet HTML 174Page - STMicroelectronics L9679P Datasheet HTML 175Page - STMicroelectronics L9679P Datasheet HTML 176Page - STMicroelectronics L9679P Datasheet HTML 177Page - STMicroelectronics L9679P Datasheet HTML 178Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 174 / 279 page
background image
Remote sensor interface
L9679P
174/279
DS11627 Rev 7
Figure 41. Remote sensor synchronization pulses
L9679P supports three time slots in a sync period with associated RSDRx registers. The
messages received within one sync period are routed to the corresponding RSDRx register
associated to each time slot. A time slot control is performed to check if the incoming
messages fall within the valid time slots reported in Table 63 and sketched in Figure 42.
If the end of the received message occurs after the end of the checked outside a valid time
slot, a SLOT_ERROR fault will be detected and stored in the related RSDRx register. Slot
error assignment is described in Figure 42. For instance, if the end of second message falls
before the expected valid time window the error slot 1 is asserted and then also the data
received with the first message is lost. If two messages end within the same slot, the second
message will be assigned to that slot, regardless of its validity. The time slot control can be
disabled by setting the TSxDIS bit in the RSCRx register.
SATSYNC
SATFD1
SATFD2
SATFD3
SATFD4
GAPGPS02284



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More