| Moteur de recherche de fiches techniques de composants électroniques |
|
L9679P Fiches technique(PDF) 169 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L9679P Fiches technique(HTML) 169 Page - STMicroelectronics |
|
169 / 279 page ![]() DS11627 Rev 7 169/279 L9679P Deployment drivers 278 8.5.2 High level diagnostic approach In this approach, the test steps described in the sections below are coded into a dedicated state machine that helps reducing the user intervention to a minimum. The high-level diagnostic commands are contained in the LPDIAGREQ, LOOP_DIAG_SEL, and LOOP_DIAG_CHSEL registers. The high-level diagnostic response is available in the LPDIAGSTAT register. The concept is depicted in the following figures. Figure 36. High level loop diagnostic flow 1 GAPGPS01643 Low level diagnostic is selected (bit 15 of LPDIAGREQ is low) OR an invalid high level diagnostic is selected OR we are in DEP_ENABLED state Leakage test time elapsed Leakage test time elapsed SBL flag is asserted if STG is no more present AND (FET test is selected) AND NO leakage is present Leakage test time elapsed AND ((LEAKAGE test) OR (SBL and no leakage is present) OR (FET test and leakage is present)) Latch STB, STG flags FP = 1 if FET test is selected VRCM (check time elapsed AND ((VRCM, CHECK test) is selected OR VRCM fails) Latch STB, STG flags FP = 1 if LEAKAGE or FET T tests are selected Leakage test time elapsed AND (SBL is selected) AND leakage is present TIP = 1 Enable VRCM Disable ISRC and ISINK Disable ALL pull down currents TIP = 1 TIP = 0 Enable VRCM Disable ISRC and ISINK TIP = 1 Enable VRCM Disable ISRC and ISINK TIP = 1 Enable VRCM Disable ISRC and ISINK Enable HS or LS FET if also DSTEST = 0111 or 1000 TIP = 1 Off time elapsed AND new diagnostic request is VRCM_CHECK OR LEAKAGE OR SBL OR FET tests Off time = 24μs New high level diagnostic request (bit 15 of LPDIAGREQ is high) Wait enough time to be sure that all currents and voltages supplies start in OFF state FET test timeout = 200μs Leakage test time = 152/600μs Leakage test time = 152/600μs FET TEST DIAG_OFF WAIT_OFF LEAKAGE_TEST_1 LEAKAGE_TEST_2 VRCM check time = 40μs/160μs VRCM_CHECK Leakage is detected (due to the fact that FETs work properly) OR FET test timeout elapsed |