| Moteur de recherche de fiches techniques de composants électroniques |
|
L9679P Fiches technique(PDF) 114 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L9679P Fiches technique(HTML) 114 Page - STMicroelectronics |
|
114 / 279 page ![]() SPI interfaces L9679P 114/279 DS11627 Rev 7 7.4.36 GPO fault status register (GPOFLTSR) ID: 46 Type: R Read: 4600 Write: - 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 MOSI - X X X X X X X X X X X X X X X X MISO 0 GPO2DISABLE 1 1 1 GPO 2 disable state 0 GPO enable to work 1 GPO disabled due to thermal fault or configuration not received or ERBOOST not OK (only HS mode) GPO1DISABLE 1 1 1 GPO 1 disable state 0 GPO enable to work 1 GPO disabled due to thermal fault or configuration not received or ERBOOST not OK (only HS mode) GPO0DISABLE 1 1 1 GPO 0 disable state 0 GPO enable to work 1 GPO disabled due to thermal fault or configuration not received or ERBOOST not OK (only HS mode) GPOS_NOT_CONF 1 1 1 GPOs configuration status 0 GPOs configured (activation is permitted) 1 GPOs not yet configured (activation is denied) GPO2TEMP 0 0 0 GPO 2Thermal Fault Cleared as reported in GPO-Over Temp diagram, set by detection circuit 0 Fault not detected 1 Fault detected |