Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PPC440SP Fiches technique(PDF) 47 Page - Applied Micro Circuits Corporation

No de pièce PPC440SP
Description  PowerPC 440SP Embedded Processor
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMCC [Applied Micro Circuits Corporation]
Site Internet  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

PPC440SP Fiches technique(HTML) 47 Page - Applied Micro Circuits Corporation

Back Button PPC440SP Datasheet HTML 43Page - Applied Micro Circuits Corporation PPC440SP Datasheet HTML 44Page - Applied Micro Circuits Corporation PPC440SP Datasheet HTML 45Page - Applied Micro Circuits Corporation PPC440SP Datasheet HTML 46Page - Applied Micro Circuits Corporation PPC440SP Datasheet HTML 47Page - Applied Micro Circuits Corporation PPC440SP Datasheet HTML 48Page - Applied Micro Circuits Corporation PPC440SP Datasheet HTML 49Page - Applied Micro Circuits Corporation PPC440SP Datasheet HTML 50Page - Applied Micro Circuits Corporation PPC440SP Datasheet HTML 51Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 85 page
background image
PowerPC 440SP Embedded Processor
Revision 1.23 - Sept 26, 2006
AMCC Proprietary
47
Data Sheet
Signal List—Ball Assignment Order
In the following table, only the primary (default) signal name is shown for each pin. Multiplexed pins are marked
with an asterisk (*). To determine the other signals that share a pin, look up the primary signal name in Table 3 on
page 17.
Table 4. Signals Listed by Ball Assignment (Sheet 1 of 7)
Ball
Signal Name
Ball
Signal Name
Ball
Signal Name
Ball
Signal Name
A01
No ball
B01
A1GND
C01
A1VDD
D01
EMCMDClk
A02
EMCTxD7
B02
GND
C02
PerPar0
D02
EMCCD
A03
EMCTxErr
B03
PerErr
C03
OVDD
D03
EMCRxClk
A04
PerClk
B04
PerBLast
C04
EMCTxEn
D04
PerData3
A05
IRQ2
*
B05
GND
C05
IRQ3
*
D05
IRQ5
*
A06
UART1_Tx
*
B06
HISRRst
C06
IRQ1
*
D06
IRQ4
*
A07
UART1_Rx
*
B07
OVDD
C07
IRQ0
*
D07
Reserved
A08
UART0_DCD
B08
EMCGTxClk
C08
UART0_Tx
D08
TmrClk
A09
UARTSerClk
B09
GND
C09
UART0_CTS
D09
IIC0SClk
A10
TDI
B10
TRST
C10
TMS
D10
TCK
A11
UART0_DTR
B11
OVDD
C11
UART0_DSR
D11
TDO
A12
VDD
B12
PCIX1AD26
C12
PCIX1AD27
D12
EMCRefClk
A13
UART0_RI
B13
PCIX1AD25
C13
GND
D13
PCIX1AD24
A14
SysPartSel
B14
OVDD
C14
PCIX1AD17
D14
PCIX1BE2
A15
PCIX1AD16
B15
OVDD
C15
PCIX1AD18
D15
PCIX1AD20
A16
PCIX1AD19
B16
PCIX1AD11
C16
GND
D16
PCIX1AD09
A17
VDD
B17
PCIX1AD10
C17
PCIX1AD08
D17
PCIX1BE1
A18
TestEn
B18
P1VDD
C18
PCIX1AD01
D18
PCIX1AD00
A19
PCIX1AD03
B19
PCIX1Gnt0
*
C19
PCIX1Gnt1
*
D19
PCIX1DevSel
A20
PCIX1Reset
B20
GND
C20
PCIX1Req0*
D20
PCIX1PErr
A21
PCIX1VC
B21
PCIX1Frame
C21
PCIX1Stop
D21
PCIX1Gnt2
*
A22
PCIX1INTA
B22
P1VDD
C22
PCIX1Req1
*
D22
PCIX1IRDY
A23
PCIX1SErr
B23
PCIX1IDSel
C23
PCIX1Req2
*
D23
PCIX1Gnt3
*
A24
PCIX1Par64
*
B24
GND
C24
PCIX1AD57
D24
PCIX1AD58
A25
PCIX1AD61
B25
PCIX1AD56
C25
PCIX1AD59
D25
PCIX1AD62
A26
PCIX1AD60
B26
PCIX1AD51
C26
P1VDD
D26
PCIX1BE4
A27
PCIX1AD40
B27
GND
C27
PCIX1AD42
D27
PCIX1AD43
A28
VDD
B28
AP1GND
C28
AP1VDD
D28
PCIX1AD35



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85