Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PPC440SP Fiches technique(PDF) 33 Page - Applied Micro Circuits Corporation

No de pièce PPC440SP
Description  PowerPC 440SP Embedded Processor
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMCC [Applied Micro Circuits Corporation]
Site Internet  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

PPC440SP Fiches technique(HTML) 33 Page - Applied Micro Circuits Corporation

Back Button PPC440SP Datasheet HTML 29Page - Applied Micro Circuits Corporation PPC440SP Datasheet HTML 30Page - Applied Micro Circuits Corporation PPC440SP Datasheet HTML 31Page - Applied Micro Circuits Corporation PPC440SP Datasheet HTML 32Page - Applied Micro Circuits Corporation PPC440SP Datasheet HTML 33Page - Applied Micro Circuits Corporation PPC440SP Datasheet HTML 34Page - Applied Micro Circuits Corporation PPC440SP Datasheet HTML 35Page - Applied Micro Circuits Corporation PPC440SP Datasheet HTML 36Page - Applied Micro Circuits Corporation PPC440SP Datasheet HTML 37Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 85 page
background image
PowerPC 440SP Embedded Processor
Revision 1.23 - Sept 26, 2006
AMCC Proprietary
33
Data Sheet
PCIX0M66En
AD14
PCI-X0
56
PCIX0Par [PCIX0ECC0]
AG06
PCIX0Par64 [PCIX0ECC7]
AH14
PCIX0PErr
W11
PCIX0Req0 [GPIO20]
AH11
PCIX0Req1 [GPIO21]
AG12
PCIX0Req2 [GPIO00] [TrcClk]
AA12
PCIX0Req3 [GPIO01] [TrcBS0]
Y12
PCIX0Req64 [PCIX0ECC6]
AG08
PCIX0Reset
AH13
PCIX0SErr
AD12
PCIX0Stop
AE13
PCIX0TRDY
W12
PCIX0VC
AH10
PCIX0VRef0
AC11
PCIX0VRef1
AC10
Table 3. Signals Listed Alphabetically (Sheet 17 of 30)
Signal Name
Ball
Interface Group
Page



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85