Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PPC440SP Fiches technique(PDF) 15 Page - Applied Micro Circuits Corporation

No de pièce PPC440SP
Description  PowerPC 440SP Embedded Processor
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMCC [Applied Micro Circuits Corporation]
Site Internet  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

PPC440SP Fiches technique(HTML) 15 Page - Applied Micro Circuits Corporation

Back Button PPC440SP Datasheet HTML 11Page - Applied Micro Circuits Corporation PPC440SP Datasheet HTML 12Page - Applied Micro Circuits Corporation PPC440SP Datasheet HTML 13Page - Applied Micro Circuits Corporation PPC440SP Datasheet HTML 14Page - Applied Micro Circuits Corporation PPC440SP Datasheet HTML 15Page - Applied Micro Circuits Corporation PPC440SP Datasheet HTML 16Page - Applied Micro Circuits Corporation PPC440SP Datasheet HTML 17Page - Applied Micro Circuits Corporation PPC440SP Datasheet HTML 18Page - Applied Micro Circuits Corporation PPC440SP Datasheet HTML 19Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 85 page
background image
PowerPC 440SP Embedded Processor
Revision 1.23 - Sept 26, 2006
AMCC Proprietary
15
Data Sheet
Universal Interrupt Controller (UIC)
Two cascaded Universal Interrupt Controllers (UIC) process internal on-chip and external processor interrupts.
Note: Processor specific interrupts (for example, page faults) do not use UIC resources.
Features include:
• 6 external interrupts
• 56 internal interrupts
• Edge-triggered or level-sensitive
• Positive- or negative-active
• Non-critical or critical interrupt to the on-chip processor core
• Programmable interrupt priority ordering
• Programmable critical interrupt vector for faster vector processing
JTAG
Features include:
• IEEE 1149.1 Test Access Port
• IBM RISCWatch Debugger support
• JTAG Boundary Scan Description Language (BSDL)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85