Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PPC440SP Fiches technique(PDF) 17 Page - Applied Micro Circuits Corporation

No de pièce PPC440SP
Description  PowerPC 440SP Embedded Processor
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMCC [Applied Micro Circuits Corporation]
Site Internet  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

PPC440SP Fiches technique(HTML) 17 Page - Applied Micro Circuits Corporation

Back Button PPC440SP Datasheet HTML 13Page - Applied Micro Circuits Corporation PPC440SP Datasheet HTML 14Page - Applied Micro Circuits Corporation PPC440SP Datasheet HTML 15Page - Applied Micro Circuits Corporation PPC440SP Datasheet HTML 16Page - Applied Micro Circuits Corporation PPC440SP Datasheet HTML 17Page - Applied Micro Circuits Corporation PPC440SP Datasheet HTML 18Page - Applied Micro Circuits Corporation PPC440SP Datasheet HTML 19Page - Applied Micro Circuits Corporation PPC440SP Datasheet HTML 20Page - Applied Micro Circuits Corporation PPC440SP Datasheet HTML 21Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 85 page
background image
PowerPC 440SP Embedded Processor
Revision 1.23 - Sept 26, 2006
AMCC Proprietary
17
Data Sheet
Signal Lists
This section contains two tables that list external signals.
Table 3 lists all the external signals in alphabetical order and shows the ball (pin) number on which the signal
appears. Multiplexed signals are shown with the default signal (following reset) not in brackets and the alternate
signal or signals in brackets.
Multiplexed signals appear alphabetically multiple times in the list—once for each signal name on the ball. The
page number listed gives the page in “Signal Functional Description” on page 56 where the signals in the indicated
interface group begin.
Table 4 on page 47 lists all the external signals in order by ball (pin) number.
Signal List—Alphabetic Order
Table 3. Signals Listed Alphabetically (Sheet 1 of 30)
Signal Name
Ball
Interface Group
Page
A1GND
B01
Power
62
A2GND
AG28
A1VDD
C01
A2VDD
AF28
AP0GND
AG01
AP0VDD
AF01
AP1GND
B28
AP1VDD
C28
AP2GND
T01
AP2VDD
R01
BA0
AD21
DDR SDRAM
58
BA1
AE20
BA2
AE25
BankSel0
T23
BankSel1
P22
CAS
AH25
ClkEn0
AE23
ClkEn1
AE24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85