Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PPC440SP Fiches technique(PDF) 36 Page - Applied Micro Circuits Corporation

No de pièce PPC440SP
Description  PowerPC 440SP Embedded Processor
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMCC [Applied Micro Circuits Corporation]
Site Internet  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

PPC440SP Fiches technique(HTML) 36 Page - Applied Micro Circuits Corporation

Back Button PPC440SP Datasheet HTML 32Page - Applied Micro Circuits Corporation PPC440SP Datasheet HTML 33Page - Applied Micro Circuits Corporation PPC440SP Datasheet HTML 34Page - Applied Micro Circuits Corporation PPC440SP Datasheet HTML 35Page - Applied Micro Circuits Corporation PPC440SP Datasheet HTML 36Page - Applied Micro Circuits Corporation PPC440SP Datasheet HTML 37Page - Applied Micro Circuits Corporation PPC440SP Datasheet HTML 38Page - Applied Micro Circuits Corporation PPC440SP Datasheet HTML 39Page - Applied Micro Circuits Corporation PPC440SP Datasheet HTML 40Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 85 page
background image
PowerPC 440SP Embedded Processor
36
AMCC Proprietary
Revision 1.23 - Sept 26, 2006
Data Sheet
PCIX1BE0
F17
PCI-X1
56
PCIX1BE1
D17
PCIX1BE2
D14
PCIX1BE3
E14
PCIX1BE4
D26
PCIX1BE5
F25
PCIX1BE6
G25
PCIX1BE7
F22
PCIX1CalG0
L19
PCIX1CalG1
G14
PCIX1CalR0
L21
PCIX1CalR1
H14
PCIX1Cap
G21
PCIX1Clk
E21
PCIX1DevSel
D19
[PCIX1ECC0] PCIX1Par
K19
[PCIX1ECC1] PCIX1Ack64
K23
PCIX1ECC2
H21
PCIX1ECC3
H22
PCIX1ECC4
H15
PCIX1ECC5
F23
[PCIX1ECC6] PCIX1Req64
H24
[PCIX1ECC7] PCIX1Par64
A24
PCIX1Frame
B21
PCIX1Gnt0 [GPIO22]
B19
PCIX1Gnt1 [GPIO23]
C19
PCIX1Gnt2 [GPIO06] [TrcES2]
D21
PCIX1Gnt3 [GPIO07] [TrcES3]
D23
PCIX1IDSel
B23
PCIX1INTA
A22
PCIX1IRDY
D22
PCIX1M66En
G23
Table 3. Signals Listed Alphabetically (Sheet 20 of 30)
Signal Name
Ball
Interface Group
Page



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85