Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PPC440SP Fiches technique(PDF) 40 Page - Applied Micro Circuits Corporation

No de pièce PPC440SP
Description  PowerPC 440SP Embedded Processor
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMCC [Applied Micro Circuits Corporation]
Site Internet  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

PPC440SP Fiches technique(HTML) 40 Page - Applied Micro Circuits Corporation

Back Button PPC440SP Datasheet HTML 36Page - Applied Micro Circuits Corporation PPC440SP Datasheet HTML 37Page - Applied Micro Circuits Corporation PPC440SP Datasheet HTML 38Page - Applied Micro Circuits Corporation PPC440SP Datasheet HTML 39Page - Applied Micro Circuits Corporation PPC440SP Datasheet HTML 40Page - Applied Micro Circuits Corporation PPC440SP Datasheet HTML 41Page - Applied Micro Circuits Corporation PPC440SP Datasheet HTML 42Page - Applied Micro Circuits Corporation PPC440SP Datasheet HTML 43Page - Applied Micro Circuits Corporation PPC440SP Datasheet HTML 44Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 85 page
background image
PowerPC 440SP Embedded Processor
40
AMCC Proprietary
Revision 1.23 - Sept 26, 2006
Data Sheet
PerAddr00
J04
External Slave Peripheral
59
PerAddr01
K06
PerAddr02
K05
PerAddr03
M08
PerAddr04
L06
PerAddr05
M07
PerAddr06
L08
PerAddr07
K07
PerAddr08
K08
PerAddr09
M05
PerAddr10
N08
PerAddr11
N06
PerAddr12
P08
PerAddr13
P05
PerAddr14
P07
PerAddr15
L03
PerAddr16
L04
PerAddr17
L01
PerAddr18
M04
PerAddr19
K01
PerAddr20
K02
PerAddr21
R07
PerAddr22
R05
PerAddr23
R08
PerBE0 [GPIO17] [UART2_Tx]
R09
PerBLast
B04
PerClk
A04
PerCS0
M06
PerCS1 [GPIO09] [TrcTS0]
E12
PerCS2 [GPIO10] [TrcTS1]
H10
Table 3. Signals Listed Alphabetically (Sheet 24 of 30)
Signal Name
Ball
Interface Group
Page



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85