Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LT6232 Fiches technique(PDF) 30 Page - Analog Devices

No de pièce LT6232
Description  0.88nV/√Hz 730MHz, 500V/μs, Low Distortion Rail-to-Rail Output Op Amps with Shutdown
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

LT6232 Fiches technique(HTML) 30 Page - Analog Devices

Back Button LT6232 Datasheet HTML 22Page - Analog Devices LT6232 Datasheet HTML 23Page - Analog Devices LT6232 Datasheet HTML 24Page - Analog Devices LT6232 Datasheet HTML 25Page - Analog Devices LT6232 Datasheet HTML 26Page - Analog Devices LT6232 Datasheet HTML 27Page - Analog Devices LT6232 Datasheet HTML 28Page - Analog Devices LT6232 Datasheet HTML 29Page - Analog Devices LT6232 Datasheet HTML 30Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 30 / 30 page
background image
LTC6228/LTC6229
30
Rev. B
For more information www.analog.com
ANALOG DEVICES, INC. 2019-2020
03/20
www.analog.com
RELATED PARTS
TYPICAL APPLICATION
PART NUMBER
DESCRIPTION
COMMENTS
Operational Amplifiers
LTC6252/LTC6253/
LTC6254
Single/Dual/Quad High Speed Rail-to-Rail Input and Output
Op Amps
720MHz, 3.5mA, 2.75nV/√Hz, 280V/µs, 0.35mV, Unity Gain Stable
LTC6268-10/
LTC6269-10
Single/Dual High Speed FET Input Op Amp
4GHz, 4nV/√Hz, ±3fA Input Bias Current
ADA4897-1
1nV/√Hz, Low Power Rail-to-Rail Output
230MHz, 120V/µs
LT1806/LT1807
Single/Dual Low Noise Rail-to-Rail Input and Output Op Amps 325MHz, 13mA, 3.5nV/√Hz, 140V/µs, 550µV, 85mA Output Drive
LTC6246/LTC6247/
LTC6248
Single/Dual/Quad High Speed Rail-to-Rail Input and Output
Op Amps
180MHz, 1mA, 4.2nV/√Hz, 90V/µs, 0.5mV
LT6238/LT6237/
LT6232
Single/Dual/Quad Low Noise Rail-to-Rail Output Op Amps
215MHz, 3.5mA, 1.1nV/√Hz, 70V/µs, 350µV
LT6200/LT6201
Single/Dual Ultralow Noise Rail-to-Rail Input/Output Op Amps 165MHz, 20mA, 0.95nV/√Hz, 44V/µs, 1mV
AD8099
Ultralow Distortion Low Noise High Speed Op Amp
0.95nV/√Hz, 3.8GHz GBW
LT1468
16-Bit Accurate Precision High Speed Op Amp
90MHz, 3.9mA, 5nV/√Hz, 22V/µs, 175µV,
–96.5dB THD at 10VP-P, 100kHz
ADA4899-1
Unity Gain Stable Ultra Low Distortion 1nV/√Hz
600MHz, 310V/µs, 4.5V to 10V Operation
LT1028/LT1128
Ultralow Noise, Precision High Speed Op Amps
75MHz, 9.5mA, 0.85nV/√Hz, 11V/µs, 40µV
ADCs
LTC2387-18
18-Bit, 15Msps SAR-ADC
95.7dB SNR
LTC2393-16
1Msps 16-Bit SAR-ADC
94dB DNR
LTC2378-20
20-bit,1 Msps Low Power SAR-ADC
104 dB SNR/–105dB THD at 100kHz
AD7625
16-Bit 6Msps PulSAR® ADC
93dB SNR
AD4020
20-Bit, 1.8Msps Precision SAR-ADC
99dB SNR/–100db THD at 100kHz
High Speed High Dynamic Range Photodiode Amplifier
Photodiode Amplifier Noise Spectrum
Photodiode Amplifier Transient Response
6228 TA02a
R1
1M
C1
0.055pF
(PARASITIC)
OUT
D1
PHOTODIODE
SFH213
5
–5
5
–5
–5
R7
1.21kΩ
J1
ON-SEMI
2SK932-22
–3dB BW = 4.6MHz
INTEGRATED NOISE = 661µVRMS
OVER 4.6MHz
+
R3
604
C3
1µF
LTC6228
100ns/DIV
200mV/DIV
6228 TA02c
RISE TIME = 77ns
0
200
400
600
800
1000
100kHz
1MHz
10MHz
6228 TA02b



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com