Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LT6232 Fiches technique(PDF) 14 Page - Analog Devices

No de pièce LT6232
Description  0.88nV/√Hz 730MHz, 500V/μs, Low Distortion Rail-to-Rail Output Op Amps with Shutdown
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

LT6232 Fiches technique(HTML) 14 Page - Analog Devices

Back Button LT6232 Datasheet HTML 10Page - Analog Devices LT6232 Datasheet HTML 11Page - Analog Devices LT6232 Datasheet HTML 12Page - Analog Devices LT6232 Datasheet HTML 13Page - Analog Devices LT6232 Datasheet HTML 14Page - Analog Devices LT6232 Datasheet HTML 15Page - Analog Devices LT6232 Datasheet HTML 16Page - Analog Devices LT6232 Datasheet HTML 17Page - Analog Devices LT6232 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 30 page
background image
LTC6228/LTC6229
14
Rev. B
For more information www.analog.com
TYPICAL PERFORMANCE CHARACTERISTICS V
S = ±5V, VCM = 0V, TA = 25°C, unless otherwise noted.
Distortion vs Frequency, AV = 1,
±5V Supply
Distortion vs Frequency, AV = 1,
5V Supply
Distortion vs Frequency, AV = 1,
3V Supply
Distortion vs Frequency, AV = 2,
±5V Supply
Distortion vs Frequency, AV = 2,
5V Supply
Distortion vs Frequency, AV = 2,
3V Supply
Maximum Undistorted Output
Signal vs Frequency
0.1% Settling Time vs Output
Step (Non-Inverting)
0.1% Settling Time vs Output
Step (Inverting)
VS = ±5V
TA=25°C
VOUT = 4VP–P
RL = 100Ω, 3rd
VOUT = 4VP–P
RL = 100Ω, 2nd
VOUT = 4VP–P
RL =1kΩ, 2nd
VOUT = 4VP–P
RL = 1kΩ, 3rd
VOUT = 2VP–P
RL = 1kΩ, 3rd
VOUT = 2VP–P
RL = 1kΩ, 2nd
FREQUENCY (Hz)
100k
1M
10M
–130
–120
–110
–100
–90
–80
–70
–60
–50
–40
–30
±5V Supply
Distortion vs Frequency, AV = 1
6228 G37
VS = 5V,0V
VOUT=2VP–P
RL to Mid–Supply
TA=25°C
RL = 1kΩ, 2nd
RL = 100Ω, 2nd
RL = 1kΩ, 3rd
RL = 100Ω, 3rd
FREQUENCY (Hz)
100k
1M
10M
–130
–120
–110
–100
–90
–80
–70
–60
–50
–40
–30
5V Supply
Distortion vs Frequency, AV = 1
6228 G38
VS = 3V,0V
VOUT=1VP–P
VCM=1.25V
RL to VCM
TA=25°C
RL = 1kΩ, 2nd
RL = 1kΩ, 3rd
RL = 100Ω, 3rd
RL = 100Ω, 2nd
FREQUENCY (Hz)
100k
1M
10M
50M
–130
–120
–110
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
3V Supply
Distortion vs Frequency, AV = 1
6228 G39
VS = ±5V
TA=25°C
VOUT = 4VP–P
RL = 100Ω, 3rd
VOUT = 4VP–P
RL = 100Ω, 2nd
VOUT = 4VP–P
RL =1kΩ, 2nd
VOUT = 4VP–P
RL = 1kΩ, 3rd
VOUT = 2VP–P
RL = 1kΩ, 3rd
VOUT = 2VP–P
RL = 1kΩ, 2nd
FREQUENCY (Hz)
100k
1M
10M
–130
–120
–110
–100
–90
–80
–70
–60
–50
–40
–30
±5V Supply
Distortion vs Frequency, AV = 2
6228 G40
VS = 5V,0V
VOUT=2VP–P
RL to Mid–Supply
TA=25°C
RL = 1kΩ, 2nd
RL = 100Ω, 2nd
RL = 1kΩ, 3rd
RL = 100Ω, 3rd
FREQUENCY (Hz)
100k
1M
10M
–130
–120
–110
–100
–90
–80
–70
–60
–50
–40
–30
5V Supply
Distortion vs Frequency, AV = 2
6228 G41
VS = 3V, 0V
VCM = 1V
VOUT = 1VP-P
RL to VCM
TA = 25°C
RL = 100, 2ND
RL = 1kΩ, 2ND
RL = 1k, 3RD
RL = 100, 3RD
FREQUENCY (Hz)
100k
1M
10M
50M
–130
–120
–110
–100
–90
–80
–70
–60
–50
–40
–30
–20
6228 G42
VS = ±5V
VS = ±2.5V
VS = ±1.5V
AV = 2
AV = –1
AV = –1
AV = 2
AV = –1
TA = 25°C
RL = 1kΩ
HD2, HD3 < –40dBc
FREQUENCY (MHz)
0.1
1
10
40
0
1
2
3
4
5
6
7
8
9
10
6228 G43
Av = +1
TA=25°C
VS=±5V (5.5V/–4.5V for step size>7V)
OUTPUT STEP (V)
–8 –7 –6 –5 –4 –3 –2 –1 0 1 2 3 4 5 6 7 8
20
25
30
35
40
45
50
vs Output Step (Non–inverting)
0.1% Settling Time
6228 G44
VIN
VOUT
1kΩ
Av = –1
TA=25°C
VS=±5V
OUTPUT STEP (V)
–8 –7 –6 –5 –4 –3 –2 –1 0 1 2 3 4 5 6 7 8
20
25
30
35
40
45
50
vs Output Step (Inverting)
0.1% Settling Time
6228 G45
VIN
VOUT
1kΩ
301Ω
301Ω
2.7pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com