| Moteur de recherche de fiches techniques de composants électroniques |
|
AS6221T Fiches technique(PDF) 5 Page - OSRAM GmbH |
|
|
|||||||||||||||||||||||||||||
AS6221T Fiches technique(HTML) 5 Page - OSRAM GmbH |
|
5 / 36 page ![]() AS6221T Ordering information Datasheet • PUBLIC • Document Feedback DS001032 • v3-00 • 2023-Oct-13 5 / 36 / 2 Ordering information Ordering code Package Marking Delivery form Delivery quantity AS6221T-AWLM WLCSP AS622T Tape & Reel 500 pcs/reel AS6221T-AWLT WLCSP AS622T Tape & Reel 12000 pcs/reel 3 Pin assignment 3.1 Pin diagram Figure 2: Pin assignment WLCSP In Figure 2, the pin assignment of the WLCSP package is shown. The viewing side is from the top. The A1 pin is also marked with a point on the top side. View from top A2 SCL B2 VSS C2 ALERT A1 SDA B1 VDD C1 ADD0 A1 Pin Indicator |