| Moteur de recherche de fiches techniques de composants électroniques |
|
AS6221T Fiches technique(PDF) 10 Page - OSRAM GmbH |
|
|
|||||||||||||||||||||||||||||
AS6221T Fiches technique(HTML) 10 Page - OSRAM GmbH |
|
10 / 36 page ![]() AS6221T Operating conditions Datasheet • PUBLIC • Document Feedback DS001032 • v3-00 • 2023-Oct-13 10 / 36 / Parameter Symbol Pins Min Typ Max Unit Note Low level output Voltage V_OL SDA VSS+0.4 V Tristate leakage current I_OZ SDA -10 10 µA to VSS In Table 6, an overview of the digital system parameters is given. 5.3 Thermal information Table 7: Thermal information of AS6221T Parameter Symbol Value Unit Junction to case (top) thermal resistance RJC 33.4 K/W Junction to ball (not board) thermal resistance RJB 9 K/W Case to ambient thermal resistance RCA 31056 K/W Junction to ambient thermal resistance (top) RJC + RCA RJA 31089.4 K/W Thermal mass Mt 1 mJ/K |