Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AS6221T Fiches technique(PDF) 31 Page - OSRAM GmbH

No de pièce AS6221T
Description  Digital temperature sensor
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  OSRAM [OSRAM GmbH]
Site Internet  http://www.osram.com
Logo OSRAM - OSRAM GmbH

AS6221T Fiches technique(HTML) 31 Page - OSRAM GmbH

Back Button AS6221T Datasheet HTML 27Page - OSRAM GmbH AS6221T Datasheet HTML 28Page - OSRAM GmbH AS6221T Datasheet HTML 29Page - OSRAM GmbH AS6221T Datasheet HTML 30Page - OSRAM GmbH AS6221T Datasheet HTML 31Page - OSRAM GmbH AS6221T Datasheet HTML 32Page - OSRAM GmbH AS6221T Datasheet HTML 33Page - OSRAM GmbH AS6221T Datasheet HTML 34Page - OSRAM GmbH AS6221T Datasheet HTML 35Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 36 page
background image
AS6221T
Application information
Datasheet
• PUBLIC • Document Feedback
DS001032
• v3-00 • 2023-Oct-13
31 / 36
/
7
Application information
Figure 12: Application example with using the ALERT functionality
In Figure 12, the connections of the AS6221T temperature sensor to a microcontroller and the
supply voltage are shown.
The AS6221T is connected to a microcontroller via an I²C bus (SDA and SCL only).
Additionally the Alert output can also be used for temperature monitoring (e.g. using the
interrupt mode, refer to IM bit settings), an example is given in Figure 12 where the Alert output
is connected to microcontroller.
Micro-
controller
(Bus Master)
VDD
10nF
VDD
Address Select 0
Slave
Pull-up resistors
RPU
SDA
ADD0
VDD
SCL
VSS
ADD1/
ALERT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36