Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AS6221T Fiches technique(PDF) 34 Page - OSRAM GmbH

No de pièce AS6221T
Description  Digital temperature sensor
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  OSRAM [OSRAM GmbH]
Site Internet  http://www.osram.com
Logo OSRAM - OSRAM GmbH

AS6221T Fiches technique(HTML) 34 Page - OSRAM GmbH

Back Button AS6221T Datasheet HTML 28Page - OSRAM GmbH AS6221T Datasheet HTML 29Page - OSRAM GmbH AS6221T Datasheet HTML 30Page - OSRAM GmbH AS6221T Datasheet HTML 31Page - OSRAM GmbH AS6221T Datasheet HTML 32Page - OSRAM GmbH AS6221T Datasheet HTML 33Page - OSRAM GmbH AS6221T Datasheet HTML 34Page - OSRAM GmbH AS6221T Datasheet HTML 35Page - OSRAM GmbH AS6221T Datasheet HTML 36Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 34 / 36 page
background image
AS6221T
Package drawings & markings
Datasheet
• PUBLIC • Document Feedback
DS001032
• v3-00 • 2023-Oct-13
34 / 36
/
8
Package drawings & markings
Figure 15: WLCSP outline drawing
C2
Columns
B2
A2
A1
B1
C1
1
2
C
B
A
X
dx
dx
ax
ax
d
Bottom
View
Bottom View
de
ae
E
Side View
Ref.
Min
Nom
Max
X
1475
1495
1515
Y
995
1025
1045
ax
347.5
dx
400
ay
312.5
dy
400
d
250
E
475
500
525
de
278
ae
22
(1) All dimensions are in micrometers. Angles in degrees.
(2) Dimensioning and tolerancing conform to ASME Y14.5M-1994.
(3) This package contains no lead (Pb).
(4) This drawing is subject to change without notice.
Figure 16: WLCSP package marking/code for AS6221T
XXXX
Tracecode
AS622T
XXXX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36