Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AS6221T Fiches technique(PDF) 32 Page - OSRAM GmbH

No de pièce AS6221T
Description  Digital temperature sensor
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  OSRAM [OSRAM GmbH]
Site Internet  http://www.osram.com
Logo OSRAM - OSRAM GmbH

AS6221T Fiches technique(HTML) 32 Page - OSRAM GmbH

Back Button AS6221T Datasheet HTML 28Page - OSRAM GmbH AS6221T Datasheet HTML 29Page - OSRAM GmbH AS6221T Datasheet HTML 30Page - OSRAM GmbH AS6221T Datasheet HTML 31Page - OSRAM GmbH AS6221T Datasheet HTML 32Page - OSRAM GmbH AS6221T Datasheet HTML 33Page - OSRAM GmbH AS6221T Datasheet HTML 34Page - OSRAM GmbH AS6221T Datasheet HTML 35Page - OSRAM GmbH AS6221T Datasheet HTML 36Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 32 / 36 page
background image
AS6221T
Application information
Datasheet
• PUBLIC • Document Feedback
DS001032
• v3-00 • 2023-Oct-13
32 / 36
/
Figure 13: Application example without using the ALERT functionality
In Figure 13, the connection without using the Alert functionality is shown. In this case the
ADD1/ALERT pin is used to increase the amount of available I²C addresses.
The I²C address of the AS6221T can be selected by connecting the ADD0 and ADD1 to
different pins (refer to Table 21 for details). These pins must not be left unconnected.
Micro-
controller
(Bus Master)
VDD
10nF
VDD
Address Select 0
Slave
Pull-up resistors
RPU
SDA
ADD0
VDD
SCL
VSS
ADD1/
ALERT
Address Select 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36