Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AS6221T Fiches technique(PDF) 35 Page - OSRAM GmbH

No de pièce AS6221T
Description  Digital temperature sensor
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  OSRAM [OSRAM GmbH]
Site Internet  http://www.osram.com
Logo OSRAM - OSRAM GmbH

AS6221T Fiches technique(HTML) 35 Page - OSRAM GmbH

Back Button AS6221T Datasheet HTML 28Page - OSRAM GmbH AS6221T Datasheet HTML 29Page - OSRAM GmbH AS6221T Datasheet HTML 30Page - OSRAM GmbH AS6221T Datasheet HTML 31Page - OSRAM GmbH AS6221T Datasheet HTML 32Page - OSRAM GmbH AS6221T Datasheet HTML 33Page - OSRAM GmbH AS6221T Datasheet HTML 34Page - OSRAM GmbH AS6221T Datasheet HTML 35Page - OSRAM GmbH AS6221T Datasheet HTML 36Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 35 / 36 page
background image
AS6221T
Revision information
Datasheet
• PUBLIC • Document Feedback
DS001032
• v3-00 • 2023-Oct-13
35 / 36
/
9
Revision information
Document status
Product status
Definition
Product Preview
Pre-development
Information in this datasheet is based on product ideas in the planning phase
of development. All specifications are design goals without any warranty and
are subject to change without notice
Preliminary Datasheet
Pre-production
Information in this datasheet is based on products in the design, validation or
qualification phase of development. The performance and parameters shown
in this document are preliminary without any warranty and are subject to
change without notice
Datasheet
Production
Information in this datasheet is based on products in ramp-up to full production
or full production which conform to specifications in accordance with the terms
of ams-OSRAM AG standard warranty as given in the General Terms of Trade
Other definitions
Draft / Preliminary:
The draft / preliminary status of a document indicates that the content is still under internal review and subject to change without notice. ams-OSRAM
AG does not give any warranties as to the accuracy or completeness of information included in a draft / preliminary version of a document and shall
have no liability for the consequences of use of such information.
Short datasheet:
A short datasheet is intended for quick reference only, it is an extract from a full datasheet with the same product number(s) and title. For detailed
and full information always see the relevant full datasheet. In case of any inconsistency or conflict with the short datasheet, the full datasheet shall
prevail.
Changes from previous released version to current revision v3-00
Page
Update Device Address (bin) section
23
●
Page and figure numbers for the previous version may differ from page and figure numbers in the current revision.
●
Correction of typographical errors is not explicitly mentioned.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36