| Moteur de recherche de fiches techniques de composants électroniques |
|
AS6221 Fiches technique(PDF) 36 Page - OSRAM GmbH |
|
|
|||||||||||||||||||||||||||||
AS6221 Fiches technique(HTML) 36 Page - OSRAM GmbH |
|
36 / 39 page ![]() Document Feedback AS6221 Package Drawings & Markings Datasheet • PUBLIC DS000751 • v3-00 • 2022-Feb-28 38 │ 35 8 Package Drawings & Markings Figure 38: WLCSP Outline Drawing A3 Columns A2 A1 B1 B2 B3 B A 3 2 1 X dx dx ax ax d Bottom View Bottom View de ae E Side View Ref. Min Nom Max X 1475 1490 1515 Y 1005 1025 1045 ax 347.5 dx 400 ay 312.5 dy 400 d 250 E 600 ae 22 de 378 (1) All dimensions are in micrometers. Angles in degrees. (2) Dimensioning and tolerance conform to ASME Y14.5M-1994. (3) This package contains no lead (Pb). (4) This drawing is subject to change without notice. RoHS Green |