| Moteur de recherche de fiches techniques de composants électroniques |
|
AS6221 Fiches technique(PDF) 8 Page - OSRAM GmbH |
|
|
|||||||||||||||||||||||||||||
AS6221 Fiches technique(HTML) 8 Page - OSRAM GmbH |
|
8 / 39 page ![]() Document Feedback AS6221 Pin Assignment Datasheet • PUBLIC DS000751 • v3-00 • 2022-Feb-28 38 │ 7 Pin Number Pin Name Pin Type(1) Description A3 SCL DI_S Serial Interface Clock B1 VDD S Positive Supply Voltage B2 ADD0 DI_S Address select 0 B3 SDA DIO_SOD Serial Interface Data (1) Explanation of abbreviations: S Supply DI_S Digital Schmitt Trigger Input DIO_SOD Digital Schmitt Trigger Input / Open Drain Output In Figure 4 the pins of AS6221 are described. External pull up resistors (to VDD) are necessary for the pins “SDA” and “SCL”. The pin “ADD0” must not be left unconnected (refer to section 6.3.3 for further details). The pin “ALERT/ADD1” is used to set the I²C address and has the additional functionality of triggering an interrupt. In case this ALERT functionality is used, a pull up resistor (to VDD) is necessary. If this functionality is not used it must be connected to VSS or SCL, depending on the selected I²C address (refer to section 6.3.3 for further details). It must not be left unconnected. |