Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AS6221 Fiches technique(PDF) 33 Page - OSRAM GmbH

No de pièce AS6221
Description  Digital Temperature Sensor
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  OSRAM [OSRAM GmbH]
Site Internet  http://www.osram.com
Logo OSRAM - OSRAM GmbH

AS6221 Fiches technique(HTML) 33 Page - OSRAM GmbH

Back Button AS6221 Datasheet HTML 29Page - OSRAM GmbH AS6221 Datasheet HTML 30Page - OSRAM GmbH AS6221 Datasheet HTML 31Page - OSRAM GmbH AS6221 Datasheet HTML 32Page - OSRAM GmbH AS6221 Datasheet HTML 33Page - OSRAM GmbH AS6221 Datasheet HTML 34Page - OSRAM GmbH AS6221 Datasheet HTML 35Page - OSRAM GmbH AS6221 Datasheet HTML 36Page - OSRAM GmbH AS6221 Datasheet HTML 37Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 39 page
background image
Document Feedback
AS6221
Application Information
Datasheet
• PUBLIC
DS000751
• v3-00 • 2022-Feb-28
38
│ 32
7
Application Information
Figure 34:
Application Example with Using the ALERT Functionality
In Figure 34 the connections of the AS6221 temperature sensor to a microcontroller and the supply
voltage are shown.
The AS6221 is connected to a microcontroller via an I²C bus (SDA and SCL only). Additionally the
Alert output can also be used for temperature monitoring (e.g. using the interrupt mode, refer to IM bit
settings), an example is given in Figure 34 where the Alert output is connected to microcontroller.
Micro-
controller
(Bus Master)
VDD
10nF
VDD
Address Select 0
Slave
Pull-up resistors
RPU
SDA
VDD
ADD0
SCL
ADD1/
ALERT
VSS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39