Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AS6221 Fiches technique(PDF) 7 Page - OSRAM GmbH

No de pièce AS6221
Description  Digital Temperature Sensor
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  OSRAM [OSRAM GmbH]
Site Internet  http://www.osram.com
Logo OSRAM - OSRAM GmbH

AS6221 Fiches technique(HTML) 7 Page - OSRAM GmbH

Back Button AS6221 Datasheet HTML 3Page - OSRAM GmbH AS6221 Datasheet HTML 4Page - OSRAM GmbH AS6221 Datasheet HTML 5Page - OSRAM GmbH AS6221 Datasheet HTML 6Page - OSRAM GmbH AS6221 Datasheet HTML 7Page - OSRAM GmbH AS6221 Datasheet HTML 8Page - OSRAM GmbH AS6221 Datasheet HTML 9Page - OSRAM GmbH AS6221 Datasheet HTML 10Page - OSRAM GmbH AS6221 Datasheet HTML 11Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 39 page
background image
Document Feedback
AS6221
Pin Assignment
Datasheet
• PUBLIC
DS000751
• v3-00 • 2022-Feb-28
38
│ 6
3
Pin Assignment
3.1
Pin Diagram
Figure 3:
Pin Assignment WLCSP
In Figure 3 the pin assignment of the WLCSP package is shown. The viewing side is from the top. The
A1 pin is also marked with a point on the top side
3.2
Pin Description
Figure 4:
Pin Description of AS6221 (WLCSP)
Pin Number
Pin Name
Pin Type(1)
Description
A1
VSS
S
Ground Pin
A2
ALERT/ADD1
DIO_SOD
Alert output and address select1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39