Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AS6221 Fiches technique(PDF) 34 Page - OSRAM GmbH

No de pièce AS6221
Description  Digital Temperature Sensor
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  OSRAM [OSRAM GmbH]
Site Internet  http://www.osram.com
Logo OSRAM - OSRAM GmbH

AS6221 Fiches technique(HTML) 34 Page - OSRAM GmbH

Back Button AS6221 Datasheet HTML 30Page - OSRAM GmbH AS6221 Datasheet HTML 31Page - OSRAM GmbH AS6221 Datasheet HTML 32Page - OSRAM GmbH AS6221 Datasheet HTML 33Page - OSRAM GmbH AS6221 Datasheet HTML 34Page - OSRAM GmbH AS6221 Datasheet HTML 35Page - OSRAM GmbH AS6221 Datasheet HTML 36Page - OSRAM GmbH AS6221 Datasheet HTML 37Page - OSRAM GmbH AS6221 Datasheet HTML 38Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 39 page
background image
Document Feedback
AS6221
Application Information
Datasheet
• PUBLIC
DS000751
• v3-00 • 2022-Feb-28
38
│ 33
Figure 35:
Application Example without Using the ALERT Functionality
In Figure 35 the connection without using the Alert functionality is shown. In this case the
ADD1/ALERT pin is used to increase the amount of available I²C addresses.
The I²C address of the AS6221 can be selected by connecting the ADD0 and ADD1 to different pins
(refer to Figure 28 for details). These pins must not be left unconnected.
Micro-
controller
(Bus Master)
VDD
10nF
VDD
Address Select 0
Slave
Pull-up resistors
RPU
SDA
VDD
ADD0
SCL
ADD1/
ALERT
VSS
Address Select 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39