Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AS6221 Fiches technique(PDF) 18 Page - OSRAM GmbH

No de pièce AS6221
Description  Digital Temperature Sensor
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  OSRAM [OSRAM GmbH]
Site Internet  http://www.osram.com
Logo OSRAM - OSRAM GmbH

AS6221 Fiches technique(HTML) 18 Page - OSRAM GmbH

Back Button AS6221 Datasheet HTML 14Page - OSRAM GmbH AS6221 Datasheet HTML 15Page - OSRAM GmbH AS6221 Datasheet HTML 16Page - OSRAM GmbH AS6221 Datasheet HTML 17Page - OSRAM GmbH AS6221 Datasheet HTML 18Page - OSRAM GmbH AS6221 Datasheet HTML 19Page - OSRAM GmbH AS6221 Datasheet HTML 20Page - OSRAM GmbH AS6221 Datasheet HTML 21Page - OSRAM GmbH AS6221 Datasheet HTML 22Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 39 page
background image
Document Feedback
AS6221
Register Description
Datasheet
• PUBLIC
DS000751
• v3-00 • 2022-Feb-28
38
│ 17
Figure 19:
Alert Output Functionality
6.2.6
Polarity Bit
The polarity bit configures the polarity of the ALERT output. If the polarity bit is cleared, the ALERT
output is low active
while it becomes high active if the polarity bit is set to ‘1’.
Figure 20:
Polarity Bit Configuration
Polarity Bit
ALERT Output
0
Active low
1
Active high



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39