| Moteur de recherche de fiches techniques de composants électroniques |
|
TSL2591 Fiches technique(PDF) 5 Page - OSRAM GmbH |
|
|
|||||||||||||||||||||||||||||
TSL2591 Fiches technique(HTML) 5 Page - OSRAM GmbH |
|
5 / 34 page ![]() Page 4 Datasheet, Public Document Feedback [v3-00] 2023-Feb-08 TSL2591 − Pin Assignment The TSL2591 pin assignments are described below. Figure 3: Pin Diagram Figure 4: Pin Description Package FN Dual Flat No-Lead (Top View): Package drawing is not to scale. Pin Number Pin Name Description 1 SCL I²C serial clock input terminal 2 INT Interrupt — open drain output (active low). 3 GND Power supply ground. All voltages are referenced to GND. 4 NC No connect — do not connect. 5 VDD Supply voltage 6 SDA I²C serial data I/O terminal Pin Assignment SCL 1 INT 2 GND 3 6 SDA 5 VDD 4 NC |