Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TSL2591 Fiches technique(PDF) 25 Page - OSRAM GmbH

No de pièce TSL2591
Description  Light-to-Digital Converter
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  OSRAM [OSRAM GmbH]
Site Internet  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TSL2591 Fiches technique(HTML) 25 Page - OSRAM GmbH

Back Button TSL2591 Datasheet HTML 21Page - OSRAM GmbH TSL2591 Datasheet HTML 22Page - OSRAM GmbH TSL2591 Datasheet HTML 23Page - OSRAM GmbH TSL2591 Datasheet HTML 24Page - OSRAM GmbH TSL2591 Datasheet HTML 25Page - OSRAM GmbH TSL2591 Datasheet HTML 26Page - OSRAM GmbH TSL2591 Datasheet HTML 27Page - OSRAM GmbH TSL2591 Datasheet HTML 28Page - OSRAM GmbH TSL2591 Datasheet HTML 29Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 34 page
background image
Page 24
Datasheet, Public
Document Feedback
[v3-00] 2023-Feb-08
TSL2591 − Pack age Drawings & Mark ings
Figure 18:
FN Package – Dual Flat No-Lead Packaging Configuration
Note(s):
1. All linear dimensions are in micrometers.
2. The die is centered within the package within a tolerance of ±75 μm.
3. Package top surface is molded with an electrically non-conductive clear plastic compound having an index of refraction of 1.55.
4. Contact finish is copper alloy A194 with pre-plated NiPdAu lead finish.
5. This package contains no lead (Pb).
6. This drawing is subject to change without notice.
Package Drawings & Markings



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34