Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TSL2591 Fiches technique(PDF) 21 Page - OSRAM GmbH

No de pièce TSL2591
Description  Light-to-Digital Converter
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  OSRAM [OSRAM GmbH]
Site Internet  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TSL2591 Fiches technique(HTML) 21 Page - OSRAM GmbH

Back Button TSL2591 Datasheet HTML 17Page - OSRAM GmbH TSL2591 Datasheet HTML 18Page - OSRAM GmbH TSL2591 Datasheet HTML 19Page - OSRAM GmbH TSL2591 Datasheet HTML 20Page - OSRAM GmbH TSL2591 Datasheet HTML 21Page - OSRAM GmbH TSL2591 Datasheet HTML 22Page - OSRAM GmbH TSL2591 Datasheet HTML 23Page - OSRAM GmbH TSL2591 Datasheet HTML 24Page - OSRAM GmbH TSL2591 Datasheet HTML 25Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 34 page
background image
Page 20
Datasheet, Public
Document Feedback
[v3-00] 2023-Feb-08
TSL2591 − Register Description
The Status Register provides the internal status of the device.
This register is read only.
765
432
1
0
Reserved
NPINTR
AINT
Reserved
AVALID
Field
Bits
Description
Reserved
7:6
Reserved. Write at zero.
NPINTR
5
No-persist Interrupt. Indicates that the device has encountered a
no-persist interrupt condition.
AINT
4
ALS Interrupt. Indicates that the device is asserting an ALS
interrupt.
Reserved
3:1
Reserved.
AVALID
0
ALS Valid. Indicates that the ADC channels have completed an
integration cycle since the AEN bit was asserted.
Status Register (0x13)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34