Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TSL2591 Fiches technique(PDF) 20 Page - OSRAM GmbH

No de pièce TSL2591
Description  Light-to-Digital Converter
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  OSRAM [OSRAM GmbH]
Site Internet  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TSL2591 Fiches technique(HTML) 20 Page - OSRAM GmbH

Back Button TSL2591 Datasheet HTML 16Page - OSRAM GmbH TSL2591 Datasheet HTML 17Page - OSRAM GmbH TSL2591 Datasheet HTML 18Page - OSRAM GmbH TSL2591 Datasheet HTML 19Page - OSRAM GmbH TSL2591 Datasheet HTML 20Page - OSRAM GmbH TSL2591 Datasheet HTML 21Page - OSRAM GmbH TSL2591 Datasheet HTML 22Page - OSRAM GmbH TSL2591 Datasheet HTML 23Page - OSRAM GmbH TSL2591 Datasheet HTML 24Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 34 page
background image
Datasheet, Public
Page 19
[v3-00] 2023-Feb-08
Document Feedback
TSL2591 − Register Description
The PID register provides an identification of the devices
package. This register is a read-only register whose value never
changes.
The ID register provides the device identification. This register
is a read-only register whose value never changes.
7
6
543
2
1
0
Reserved
PACKAGEID
Reserved
Field
Bits
Description
Reserved
7:6
Reserved.
PID
5:4
Package Identification = 00
Reserved
3:0
Reserved.
7
6
543
2
1
0
ID
Field
Bits
Description
ID
7:0
Device Identification = 0x50
PID Register (0x11)
ID Register (0x12)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34