Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TSL2591 Fiches technique(PDF) 22 Page - OSRAM GmbH

No de pièce TSL2591
Description  Light-to-Digital Converter
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  OSRAM [OSRAM GmbH]
Site Internet  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TSL2591 Fiches technique(HTML) 22 Page - OSRAM GmbH

Back Button TSL2591 Datasheet HTML 18Page - OSRAM GmbH TSL2591 Datasheet HTML 19Page - OSRAM GmbH TSL2591 Datasheet HTML 20Page - OSRAM GmbH TSL2591 Datasheet HTML 21Page - OSRAM GmbH TSL2591 Datasheet HTML 22Page - OSRAM GmbH TSL2591 Datasheet HTML 23Page - OSRAM GmbH TSL2591 Datasheet HTML 24Page - OSRAM GmbH TSL2591 Datasheet HTML 25Page - OSRAM GmbH TSL2591 Datasheet HTML 26Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 34 page
background image
Datasheet, Public
Page 21
[v3-00] 2023-Feb-08
Document Feedback
TSL2591 − Register Description
ALS data is stored as two 16-bit values; one for each channel.
When the lower byte of either channel is read, the upper byte
of the same channel is latched into a shadow register. The
shadow register ensures that both bytes are the result of the
same ALS integration cycle, even if additional integration cycles
occur between the lower byte and upper byte register readings.
Each channel independently operates the upper byte shadow
register. So to minimize the potential for skew between CH0
and CH1 data, it is recommended to read all four ADC bytes in
sequence.
Register
Address
Bits
Description
C0DATAL
0x14
7:0
ALS CH0 data low byte
C0DATAH
0x15
7:0
ALS CH0 data high byte
C1DATAL
0x16
7:0
ALS CH1 data low byte
C1DATAH
0x17
7:0
ALS CH1 data high byte
ALS Data Register (0x14 - 0x17)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34