Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TSL2591 Fiches technique(PDF) 23 Page - OSRAM GmbH

No de pièce TSL2591
Description  Light-to-Digital Converter
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  OSRAM [OSRAM GmbH]
Site Internet  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TSL2591 Fiches technique(HTML) 23 Page - OSRAM GmbH

Back Button TSL2591 Datasheet HTML 19Page - OSRAM GmbH TSL2591 Datasheet HTML 20Page - OSRAM GmbH TSL2591 Datasheet HTML 21Page - OSRAM GmbH TSL2591 Datasheet HTML 22Page - OSRAM GmbH TSL2591 Datasheet HTML 23Page - OSRAM GmbH TSL2591 Datasheet HTML 24Page - OSRAM GmbH TSL2591 Datasheet HTML 25Page - OSRAM GmbH TSL2591 Datasheet HTML 26Page - OSRAM GmbH TSL2591 Datasheet HTML 27Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 34 page
background image
Page 22
Datasheet, Public
Document Feedback
[v3-00] 2023-Feb-08
TSL2591 − Application Information
Figure 16 shows a typical hardware application circuit. A 1-μF
low-ESR decoupling capacitor should be placed as close as
possible to the VDD pin. VBUS in this figure refers to the I²C bus
voltage, which is equal to VDD.
Figure 16:
Typical Application Hardware Circuit
The I²C signals and the Interrupt are open-drain outputs and
require pull-up resistors. The pull-up resistor (RP) value is a
function of the I²C bus speed, the I²C bus voltage, and the
capacitive load. The ams OSRAM EVM running at 400 kbps, uses
1.5-kΩ resistors. A 10-kΩ pull-up resistor (RPI) can be used for
the interrupt line.
Application Information
TSL2591



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34